Part Number Hot Search : 
UF306 UL1480 2SD1889 CXD1944R D1100B32 FDLL4148 2N494C HT66F
Product Description
Full Text Search
 

To Download RSA0K12A1003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Slide Potentiometers for Fader Control of Mixers
Master Type K Fader
RS K Series
Minimum lever wobble and high precision characteristics combined with good operational feel.
Rotary Potentiometers Slide Potentiometers
Typical Specifications
Items Total resistance tolerance Maximum operating voltage Operating force Operating life Operating temperature range
100,000cycles 10 60
Specifications
20% 350V AC, 20V DC
General-use Mixer
Product Line
Number of resistor elements Travel mm
60
Lever type
Length of lever mm
Type
Total Minimum Resistance resistance packing taper k unit pcs.
Products No.
Drawing No.
1
RS60K11A9000 9-T T-Bar 8.2 Standard type 12 10 15A 100 RSA0K11A900L
Single-unit
2
100
Dual-unit
1
RSA0K12A1003
3
Notes
Products other than those listed in above products are also available. Please contact us for details.
Refer to P.426 for product varieties. Refer to P.426 for details of lever types.
424
Master Type K Fader
Slide Potentiometers for Fader Control of Mixers RS K Series
Dimensions
No. Style
Unit:mm
2-M3 80 92.6 1.5 60 8.2 18.5 18.5 14.5 8 4 1.5
Rotary Potentiometers
t=1.2
13.4
Slide Potentiometers
1
34.2
3-o1.8 holes 10 15 3 12 5 24.45 Terminal No.
0.5
8.2
General-use Mixer
13.9
120 132.6 100 18.5 8.2 2-M3
t=1.2
1.5 18.5 14.5 8 4 1.5
2
32
3-o1.8 holes 10 5 44.5 3 12 Terminal No.
0.5
120 132.6 100 8 12 2-M3
13.9
t=1.2
1.2
8
3
32
12
6-o1.8 holes
0.5
5x5=25 3 123 1 2 '''
34.5 Terminal No.
8.2
425
Master Type Slide Potentiometer K Fader
Product Varieties
In addition to the recommended products, the following specifications can also be accommodated.
Specifications
Rotary Potentiometers Slide Potentiometers Type Standard type
Single- unit Lead type Dual-unit 60/100 Single- unit Connector type JST S4B-EH JST S9B-EH 0.05 to 0.35N 0.1 to 0.5N 0.1 to 0.6N
Travel mm
Terminal style
Oeprating force
Sliding life
100,000 cycles
Micro switch
Available 300,000 cycles
CP type
Dual-unit
Lever Types
Configuration code 1
4 3
Unit:mm
4 9-T T-Bar
General-use Mixer Dimensions
8
t=1.2
t=1.2
8.5 0.5 10
18.5 14.5 8
t=1.2
1.5 4
12
(1)
20
3 5 8 1.2
Total Resistance Variety
Total resistance k
10F 50 100 250 CP type Only 10 k
Resistance Taper
Resistance taper
15A 1B
Circuit Diagram
Single-unit Dual-unit
3 1
3
1
2
2
3
1
2
Notes Note
1. marked are specifications recommended by ALPS. 2. Products other than those listed in the above list are also available. Please contact us for details.
Refer to P.427 for resistance taper.
426
8.2
Master Type Slide Potentiometer K Fader
Orders Other Than Recommended Products
When ordering product varieties that are not listed in the Product Line, please specify by referring to the below example.
Sample Part Number
RS60K11A
Travel
60 A0
60mm 100mm
9T
A103
Rotary Potentiometers Slide Potentiometers
Number of resistor elements
Single-unit Dual-unit
1 2
General-use Mixer
Resistor element type, and presence of micro switch.
Code A B Resistor elements Standard type
Without micro switch With micro switch
Code K L
Resistor elements CP type
Without micro switch With micro switch
Type of operation unit
Code 01 04 9T Configuration code
1 4 9-T T-Bar
Resistance taper
Code A B Resistance taper
15A 1B
Output volt.across term.1-2 100 (%) J Input volt. across term. 1-3 G 100 90 80 70 60 50 40
1B
30 20 10 0 10
)
A(
15
A)
20 30 40 50 60 70 Rotation travel (%)
B(
80 90 100
Term."1"
Total resistance
Code 103 503 Total resistance k
10 50
J
Term."3"
Code 104 254
Total resistance k
100 250
CP type: Supports 10 k
only.
Note
marked are specifications recommended by ALPS.
427
Slide Potentiometers Control of Mixers
List of Varieties
Master type Item RS K RS N1 RS N11S RS6011 Y RSA0K1 V RS N1 M Rotary Potentiometers Photo Slide Potentiometers Low-profile master type Motor-driven master type
Notes
1. Attenuation is specified for residual resistance. 2. "L" in the "Lever Wobble" column of the above table indicates the length of lever. 3. Products other than those listed in the above list are also available. Please contact us for details.
Outlined specifications Electrical Performance Mechanical Performance Soldering Environmental Performance
Travel mm
60 RS60K11 100 RSA0K11 100 RSA0K12
60 100 60 100
RS60N11 RSA0N11 RS60N12 RSA0N12
60 RS60N11S 100 RSA0N11S
60 RS6011SY 60 RS6011DY
100 RSA0K11V
60 RS60N11M 100 RSA0N11M
Number of resistor Single-unit Dual-unit Single-unit Dual-unit elements Total resistance k
10, 50, 100, 250
Single-unit RS N1 RS N11S RS6011 Y RS N1 RS N1 S RS6011 Y
Dual-unit
Single-unit CP type RS N1 M RSA0K1 V
Single-unit 10, 50, 100, 250 10
10, 50, 100, 250 10, 50, 100, 250 10, 20, 50 15A, 1B, 10A 15A, 1B, 10A 15A, 1B, 10A
Resistance taper
15A, 1B
Single-unit 1B Dual-unit Servo 1B Audio 15A, 1B, 10A RS N1 M 0.3 to 1.3N RSA0K1 V, Single-unit 0.15 to 0.65N
General-use Mixer
Operating force
Standard
0.1 to 0.6N
RS N1 Single-unit 0.05 to 0.8N Dual-unit 0.05 to 0.9N RS6011 Y 0.1 to 2.0N RS N11S 0.05 to 0.8N 100N
Stopper strength Lever pushpull strength Lever deviation mm Both Side Lever deviation Manual soldering Dip soldering Cold Dry heat Damp heat Page
424 428 40 2 100N
50N 22 L 25 0.5mm max. 350 One side
max. 3s max. 260 max. 5s max. Lead type , RSA0K1 V for 96h for 240h RH for 96h 435 438
RS 30 70
N1 2 2
not available
, 90 to 95
434
423


▲Up To Search▲   

 
Price & Availability of RSA0K12A1003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X